PART |
Description |
Maker |
FUF2005 FUF2007 FUF2006 FUF2004 FUF2003 FUF2002 FU |
50 V, 2 A glass passivated ultrafast recovery rectifier 100 V, 2 A glass passivated ultrafast recovery rectifier 200 V, 2 A glass passivated ultrafast recovery rectifier 400 V, 2 A glass passivated ultrafast recovery rectifier 800 V, 2 A glass passivated ultrafast recovery rectifier 1000 V, 2 A glass passivated ultrafast recovery rectifier 600 V, 2 A glass passivated ultrafast recovery rectifier RECTIFIER DIODE, DO-15 Ultrafast Recovery Rectifiers 超快恢复二极
|
Fagor International Rectifier, Corp. Vishay Intertechnology, Inc.
|
1N4007G |
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER, Reverse Voltage - 50 to 1300 Volts, Forward Current - 1.0Amperes TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
|
Chenyi Electronics http://
|
HER30-1500G |
Fast Recovery Pack: DO-201AD ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE拢潞1500V CURRENT拢潞 3.0A ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE?500V CURRENT 3.0A
|
Gulf Semiconductor
|
1R5GU41 |
Ultra Fast Recovery Pack: DO-15 ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE拢潞400V CURRENT拢潞1.5A ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE?00V CURRENT?.5A
|
Gulf Semiconductor
|
GP10M GP10A GP10B GP10D GP10G GP10J GP10K |
1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 470uF; Voltage: 16V; Case Size: 10x9 mm; Packaging: Bulk Glass Passivated Junction Rectifiers 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
1G1-15 |
Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere Glass Passivated Junction Rectifiers
|
GOOD-ARK Electronics
|
FR301G FR307G FR302G FR303G FR304G FR305G FR306G |
GLASS PASSIVATED FAST RECOVERY RECTIFIER 玻璃钝化快恢复整 GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 3.0A
|
Bytes Shanghai Sunrise Electronics Co., LTD. SSE[Shanghai Sunrise Electronics]
|
GBLA02 GBLA10 GBLA005 GBLA01 GBLA04 GBLA06 GBLA08 |
Glass Passivated Single-Phase Bridge Rectifiers Glass Passivated Single-Phase Bridge Rectifier, Forward Current 4.0 A
|
VISAY[Vishay Siliconix]
|
EGP10A- EGP10K EGP10A EGP10B EGP10C EGP10D EGP10F |
-1.0 Ampere Glass Passivated High Efficiency Rectifiers 1.0 Ampere Glass Passivated High Efficiency Rectifiers(平均整流电流1.0安培高效率玻璃钝化整流器) 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
1N4001GP 1N4007GP 1N4006GP 1N4004GP 1N4005GP |
1.0 Ampere Glass Passivated Rectifiers(骞冲??存?1瀹??????????????娴??) 1.0 Ampere Glass Passivated Rectifiers(平均整流1安培的玻璃钝化结型整流器) 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41 1.0 Ampere Glass Passivated Rectifiers(平均整流1安培的玻璃钝化结型整流器) 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
FR102G FR105G FR107G FR101G FR103G FR104G FR106G |
FAST RECOVERY GLASS PASSIVATED RECTIFIER FAST RECOVERY GLASS PASSIVATED RECTIFIER Reverse Voltage - 50 to 1000 Volts, Forward Current - 1.0Ampere
|
Shanghai Lunsure Electr... Chenyi Electronics CHENYI[Shanghai Lunsure Electronic Tech]
|